Part Number Hot Search : 
5916B 7805CT 71973 2SB532 AS7C3 SWFC4145 MAX6361 TT2206
Product Description
Full Text Search
 

To Download MES1206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-to-DC Converter Modules
MES1206
JUN 2003
MES1206
DC/DC Converter
General Description
MES1206 is a DC/DC converter which can be used to supply DC output from a commercial power supply (85 to 265 VAC). of Using these module enable simple, easy drive LEDs, and other electronic microcomputers,
components without using a transformer. It also allows set PCBs to be kept compact and lightweight, with extremely few attachments. as household power supplies. It can accommodate the 100VAC~200VAC power supplies used
Application
Small multi-purpose power supply Stand-by power supply aimed at low power consumption when loaded light Insulated-type DC-DC converted
Features
Wide Input Range : FREEVOLT (AC 85V ~ 265V) A switching power supply can be made easily by adding simply external circuit Permits reduction of power consumption at low loads(when in stand-by) Able to deal with inputs of worldwide areas Ultra-compact size attained by application of high-density mounting technique Application of the unique molding technique features Compliance with various safety regulations from the compact size Humming is prevented when intermittent oscillation Over Temperature Protection Output Short Circuit Protection Over Load Protection
Absolute Maximum Ratings (Ta = 25C) Characteristics Input Voltage Output Voltage Maximum Output Current Peak Output Current ESD Endurance Maximum Surface Temperature Operating Temperature Range Storage Temperature Range
(c) Copyright 2003 Mobilelectron Co., Ltd.
Symbol VAC VOUT IOMAX IOPEAK VSURGE TCMAX TOPR TSTG
1/5
Rating 85 ~ 265 12 600 1 2 110 -25 ~ +85 -25 ~ +105 MES1206
Unit V V mA Apk kV C C C Rev. 1.3
DC-to-DC Converter Modules Pin Assignment Block Diagram
1
MES1206
JUN 2003
1
2
3
4
7
Snubber Circuit
2
Botton View
3
Sw itching Circuit
D rive Circuit
Feedback Circuit
Voltage D etector
5
9
8
765
4
Pin Descriptions Pin Name +DC IN DRAIN VCC - DC IN GND NC +DC OUT NC NC Pin No. 1 2 3 4 5 6 7 8 9 O I/O I O I I O Description Voltage Input Terminal, 100~375VDC Drain Output Terminal Positive supply voltage for Switching circuits Voltage Input Terminal, 0VDC Voltage Output Terminal, 0V No Connection Voltage Output Terminal, 12V No Connection No Connection
(Note1) Refer to the application circuit over pin connection
Electrical Characteristics Characteristics Symbol Condition Min. Typ. Max. Unit
Input Voltage Range Output Voltage Output Current Line Regulation Load Regulation Output Ripple Voltage Power Conversion Efficiency
VIN VO IO VR VL VP
Vi=311V, Io=200mA Vi=311V Vi=100~375V,Io=200mA Vi=311V,Io=0~600mA Vi=311V, Io=200mA Vi=311V, Io=600mA
100 11.16 -0.20 -0.20 62
311 12.00 0.05 0.05 0.05 78
375 12.84 600 0.20 0.20 0.10 -
V V mA V V Vp-p % Rev. 1.3
(c) Copyright 2003 Mobilelectron Co., Ltd.
2/5
MES1206
DC-to-DC Converter Modules Application Circuit
MES1206
JUN 2003
External Component Setting FUSE C1
Fuse Capacitor for input voltage smoothing Please make sure to use quick acting fuse 2A or higher Capacitance : 10F~820F, Rated voltage : 400V or higher Ripple current is 0.13Arms above. Capacitance : 0.1F~0.22F, Rated voltage : 400V or higher
C2
For noise terminal voltage reduction
Film capacitor or ceramic capacitor. Reduce the noise terminal voltage. The constant value should be evaluated in the set.
C3
Capacitor for Safety
Capacitance : 1nF~4.7nF, Rated voltage : 400V or higher Capacitance : 470F~1000F, Rated voltage : 25V or higher
C4,C5
Capacitor for output voltage smoothing
ESD is 0.4 max. Ripple current is 0.25Arms above. Output noise voltage is influenced. Please evaluate it in the actual set.
C6
Bypass Capacitor for high frequency noise
Capacitance : 10nF~100nF, Rated voltage : 50V or higher Film capacitor or ceramic capacitor. Reduce the high frequency noise terminal output. L : 4.7~10H, Allowable current : 2A or higher
L1
Choke Coil
Please use the one that is hard to be magnetic saturated even in the high temperature. In the absolute maximum ratings, the reverse peak voltage should be 500V or higher, the average rectifying current should
D1
Rectifier Diode
be 1A or higher, and the peak surge current should be 1 0A or higher. (Full-wave rectifier can be used in out part.)
(c) Copyright 2003 Mobilelectron Co., Ltd.
3/5
MES1206
Rev. 1.3
DC-to-DC Converter Modules Package Outline
MES1206
JUN 2003
(c) Copyright 2003 Mobilelectron Co., Ltd.
4/5
MES1206
Rev. 1.3
DC-to-DC Converter Modules Ordering Information Order Number MES1206 Temperature Range -25C ~ 85C
MES1206
JUN 2003
Package Type
* Please consult the factory or sales representative for pricing and availability.
Mobilelectron Co., Ltd. 41-14, Palyong-Dong, Changwon-City, Kyungnam-Do, Republic of Korea, 641-465
TEL +82-55-256-13413, +82-55-297-13412 FAX 82-55-256-1344 This semiconductor technical data is believed to be accurate and reliable, however Mobilelectron does not assume any responsibility arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. Mobilelectron reserves the right at anytime without notice to change said circuitry and specifications.
(c) Copyright 2003 Mobilelectron Co., Ltd.
5/5
MES1206
Rev. 1.3


▲Up To Search▲   

 
Price & Availability of MES1206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X